PART |
Description |
Maker |
BTA24-800CWRG BTA26 BTB24 BTA24 BTA24-600BWRG BTA2 |
600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 600 V, 25 A, SNUBBERLESS TRIAC 25 A standard and Snubberless triacs
|
STMicroelectronics
|
T835-600W T835-800K |
600 V, 8 A, SNUBBERLESS TRIAC 800 V, 8 A, SNUBBERLESS TRIAC
|
STMICROELECTRONICS
|
BTB12800CRG BTB12800CWRG BTA12 BTB12800BRG BTB1280 |
Medium current triac 600 V, 12 A, SNUBBERLESS TRIAC 12 A Snubberless, logic level and standard triacs 12 A Snubberless? logic level and standard triacs
|
STMicroelectronics
|
T2035H-600IRG |
600 V, 20 A, SNUBBERLESS TRIAC, TO-220AB
|
STMICROELECTRONICS
|
T1235H-600T-TR T1235H-600GRG T1235H06 T1235H600T T |
600 V, 12 A, SNUBBERLESS TRIAC 12A TRIACS
|
STMICROELECTRONICS[STMicroelectronics]
|
T1235H-6T T1235H07 T1250H-6G-TR T1235H-6G-TR T1235 |
600 V, 12 A, SNUBBERLESS TRIAC, TO-220AB High temperature 12 A Triacs
|
STMicroelectronics
|
BTB20-600BW BTB20-600CW BTB20-700BW BTB20-700CW BT |
700 V, 20 A, SNUBBERLESS TRIAC, TO-220AB From old datasheet system SNUBBERLESS TRIACS 20A TRIACS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S20 |
200 V, 6 A sensitive triac 200 V, 16 A alternistor triac 800 V, 6 A triac 200 V, 8 A alternistor triac 400 V, 25 A triac 400 V, 10 A triac Thyristor Product Catalog Cross Reference Data to Teccor Part Numbers (See datasheet appendix) 600 V, 10 A triac 200 V, 10 A alternistor triac 800 V, 4 A triac 400 V, 16 A alternistor triac
|
Teccor Electronics, Inc.
|
BCR5AS-12 BCR5AS-12L BCR5AS-8L BCR5AS |
Surface Mount Triac 5 Amperes/400-600 Volts 600 V, 5 A, TRIAC
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
T1620-600W T1620-700W T1630-600W |
SNUBBERLESS TRIAC
|
ST Microelectronics
|
ACS108-6SN-AP ACS108-6SN ACS108-6S0606 ACS108-6S A |
600 V, 0.8 A, TRIAC 600 V, 0.45 A, TRIAC, TO-92 AC switch family Transient voltage protected AC Switch (ACS)
|
STMicroelectronics
|